PART |
Description |
Maker |
BB5-SL-XXX-G-TR |
PITCH BOARD TO BOARD SOCKET CONNECTOR
|
Adam Technologies, Inc.
|
DF22L-5P-7.92DS05 DF22-5P-7.92DS05 DF22-5P-7.92DSA |
5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER ROHS COMPLIANT 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 4 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TüV Listed)
|
HIROSE ELECTRIC Co., Ltd.
|
SDL-108-G-12 SL-132-TT-11 SL-132-G-10 SL-132-T-12 |
LOW PROFILE SOCKET STRIPS 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .100 32POS TIN PCB 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .100 32POS GOLD PCB 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
SSW-133-01-S-D SSW-150-01-S-S SSW-150-21-S-D SSW-1 |
.025 SOCKET STRIPS 66 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .100 50POS SNGL GOLD 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .100 100POS DUAL GOLD 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET .025 SOCKET STRIPS 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 44 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
M20-7870346 M20-7870646 M20-7871542 |
2.54mm Pitch DIL SMT Socket Assembly, tin, 3 3-way 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch DIL SMT Socket Assembly, tin, 6 6-way 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.54mm Pitch DIL SMT Socket Assembly, selective gold tin, 15 15-way 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M22-6340342 M22-6342542 M22-6342142 M22-6341442 M2 |
2.00 mm PITCH DIL SMT LOW PROFILE SKT ASSEMBLY 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 21 21-way 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 14 14-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 16 16-way 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin Plc
|
87663-9004 |
6.35mm (.250) Pitch Power (DC), 7.62mm (.300) Pitch Power (AC), 2.54mm (.100) Pitch Signal, EXTreme PowerPlus Board-to-Board Header
|
Molex Electronics Ltd.
|
171-001-1NS-P1CLMH 171-001-1NS-PBCLMH 171-001-1NS- |
Single Row Strips with Solder Cups 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 18 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 28 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 13 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER
|
Glenair, Inc. GLENAIR INC
|
HDC-S276-32S1-TG30 HDC-S276-32P1-HM HDC-S276-32S2- |
276 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 276 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, PRESS FIT, SOCKET 348 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 100 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 200 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
3M ELECTRONIC PRODUCTS DIVISION
|
73780-3156 SD-73780-001 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle 2.00mm (.079") Pitch HDM庐 Board-to-Board Daughtercard Receptacle 2.00mm (.079") Pitch HDM垄莽 Board-to-Board Daughtercard Receptacle
|
Molex Electronics Ltd.
|
M22-2661046 M22-2660805 |
2.00mm Pitch DIL Extended 2.4mm PC Tail Pin Header, 6mm board-stacking height, tin, 10 10-way BOARD STACKING CONNECTOR 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
|